Part Number Hot Search : 
2N6990 06000 00GA1 HT7730A FM4933L E3503S 203306B DZ11B
Product Description
Full Text Search
 

To Download EPC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 p
E
P
C
C
O
R
E
S
Introduce of EPC core EPC Cores cover many different kinds of types, such as EPC10 core, EPC13 core, EPC17 core, EPC19 core, EPC25
core, EPC27 core, EPC30 core, tdk ferrite EPC core etc. The material characteristics have reached the international standard. We developed wide temperature range, high permeability material, tdk ferrite cores, by taking full advantage of ferrite materials experience and precise manufacturing process control technology. Application of EPC Core EPC cores are main for transformers of power supplies, reactor cores, EMI filters cores, compact transformer designs with high inductance and high economy of space, signal transformer, DC / DC converters, inductors, Smoothing Choke Coils, Line Filters, etc.
designs with high inductance and high economy of space, signal transformer, DC / DC converters, inductors, Smoothing Choke Coils, Line Filters, etc.
Type EPC10 EPC13 EPC13A EPC17 EPC17A EPC19 EPC19A EPC25 EPC25A EPC27 EPC27A EPC30 EPC30A Type EPC10 EPC13 EPC13A EPC17 EPC17A EPC19 EPC19A EPC25 EPC25A EPC27 EPC27A EPC30 EPC30A
A 10.20.2 13.30.3 13.30.3 17.60.38 17.60.4 19.10.48 19.10.5 25.10.5 25.10.5 27.10.05 27.10.5 30.10.5 30.10.5
Bmin 7.6 10.5 10.5 14.3 14.3 15.8 15.8 20.65 20.6 21.6 21.6 23.6 23.6
C1 5.00.1 5.60.15 5.60.2 7.70.15 7.70.2 8.50.15 8.50.2 11.50.2 11.50.2 13.00.3 13.00.3 15.00.3 15.00.3
Dimensions(mm) C2 D 1.90.1 4.050.1 2.050.1 6.60.2 2.10.1 6.60.2 2.80.1 8.550.2 2.80.1 8.550.2 2.50.1 9.750.2 2.50.1 9.750.2 4.00.1 12.50.2 4.00.1 12.50.2 4.00.1 16.00.2 4.00.1 16.00.2 4.00.1 17.50.2 4.00.1 17.50.2
Emin 5.3 8.3 8.3 11.5 11.5 13.1 13.1 17.1 17.1 18.5 18.5 20.0 20.0
F 3.40.1 4.60.15 4.60.2 6.00.15 6.00.2 6.00.15 6.00.2 8.00.2 8.00.2 8.00.2 8.00.2 8.00.2 8.00.2
H 2.650.1 4.50.2 4.50.2 6.050.2 6.050.2 7.250.2 7.250.2 9.00.3 9.00.3 12.00.3 12.00.3 13.00.3 13.00.3 Pc(W) F2B1 (max.)
C1(mm-1 1.89 2.46 2.46 1.76 1.76 2.03 2.03 1.28 1.28 1.34 1.34 1.32 1.32
Core parameter ) Ae (mm 2) Ie (mm) 9.39 17.8 12.5 30.6 12.5 30.6 22.8 40.2 22.8 40.2 22.7 46.1 22.7 46.1 46.4 59.2 46.4 59.2 54.6 73.1 54.6 73.1 61.0 81.6 61.0 81.6
Ve 167 382 382 917 917 1047 1050 2748 2750 3995 3990 5035 4980
(mm3)
weight(g/pr. ) 1.1 2.1 2.1 4.5 4.5 5.3 5.3 13 13 18 18 23 23
Al(nH/N2) F2B1 (25%) 1000 870 870 1150 1150 940 940 1560 1560 1540 1540 1570 1570
0.19 0.46 0.53 1.57 2.2 2.7
Al:1kHz,0.5mA,100Ts
r e a c t o r c o r e s , E P C c o r e s , t d k f e r r i t e c o r e , E P C 1 0 c o r e , E P C 1 3 c o r e , E P C 1 7 c o r e , E P C
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved. Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004 Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122 Email : yingli@magnets.com.cn yuxiang@sohu.net


▲Up To Search▲   

 
Price & Availability of EPC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X